Part Number Hot Search : 
KBPC308 ADF410 74423 TS924I STPS30 SAA8122A TT111F Z2SMA47
Product Description
Full Text Search
 

To Download C062H272D5G5GAT250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1073_ht_c0g_radial_molded ? 9/25/2015 1 overview kemets high temperature 200oc epoxy molded radial through-hole ceramic capacitors in c0g dielectric features a robust and proprietary base metal dielectric system that offers industry-leading performance in extreme high pressure and high temperature environments up to 200c. these capacitors are designed specifcally to withstand the severe shock and vibration conditions associated with deep-well and horizontal drilling activities and are well suited for use in aerospace engine compartments, geophysical probes, hybrid and electric automotive motor drives and defense applications. as high temperature electronic module complexity increases, the size reduction of components becomes more and more critical. these devices are signifcantly smaller by volume than most competitor radial molded capacitors, allowing for downsizing and replacement opportunities of larger high temperature precious metal electrode (pme) and base metal electrode (bme) dielectric system devices. they feature gold- plated lead wires for temperature resistance and an epoxy molded case for environmental protection and mechanical durability. with virtually no capacitance change at 200c and rated voltage applied, these radial molded capacitors in c0g dielectric are temperature compensating and are suited for resonant circuit applications or those where q and stability of capacitance characteristics are required. they exhibit no change in capacitance with respect to time and voltage and boast a negligible change in capacitance with reference to ambient temperature. capacitance change is limited to 30ppm/oc from -55c to +200c. in addition, these capacitors exhibit high insulation resistance with low dissipation factor at elevated temperatures up to 200c, as well as low esr at high frequencies. radial through-hole multilayer ceramic capacitors high temperature 200c, radial, molded, c0g dielectric, 50 C 200 vdc (industrial grade) ordering information c 052 h 272 f 2 g 5 g a 7301 ceramic style/size specifcation/ series capacitance code (pf) capacitance tolerance 1 rated voltage (vdc) dielectric design lead finish 2 failure rate packaging c-spec 3 052 062 h = high temp 200oc 2 signifcant digits + number of zeros use 9 for 1.0 C 9.9 pf ex. 2.2 pf = 229 b = 0.1 pf c = 0.25 pf d = 0.5 pf f = 1% g = 2% j = 5% k = 10% 5 = 50 1 = 100 2 = 200 g = c0g 5 = multilayer g = gold (au) a = n/a blank = bulk bag t250 = 250 pcs / 12" reel t500 = 500 pcs / 12" reel t1k0 = 1,000 pcs / 12" reel 7301 = full reel qty / 12" reel 7303 = full reel qty / 12" reel 7061 = bulk tray 1 additional capacitance tolerance offerings may be available. contact kemet for details. 2 wire lead materials and fnishes: alternative lead materials and fnishes may be available. contact kemet for details. 3 default packaging for this product series is "bulk bag". kemet will assume "bulk bag" packaging is required when the 15th thru 18th character positions are left blank. 3 c-spec 7301 can only be used when ordering 052 style/size. 3 c-spec 7303 can only be used when ordering 062 style/size. one world. one kemet
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1073_ht_c0g_radial_molded ? 9/25/2015 2 dimensions C inches (millimeters) l t h ll s 0.045 (1.143) maximum ld l t h ll s ld c052h c062h series s lead spacing l length h height t thickness ld lead diameter ll lead length minimum c052h 0.20 0.015 (5.08 0.38) 0.19 0.01 (4.83 0.25) 0.19 0.01 (4.83 0.25) 0.09 0.01 (2.29 0.25) 0.025 +0.004/ -0.002 (0.635 +0.102/ -0.051) 1.25 (31.75) c062h 0.29 0.01 (7.37 0.25) 0.29 0.01 (7.37 0.25) 0.09 0.01 (2.29 0.25) benefts ? operating temperature range of -55c to +200c ? high shock and vibration capability ? base metal electrode (bme) dielectric system ? rohs and reach compliant ? radial through-hole form factor ? gold (au) plated wire lead fnish ? military designation styles ck/ckr05 and ck/ckr06 ? molded case ? high breakdown voltage strength ? dc voltage ratings of 50 v, 100 v & 200 v ? capacitance offerings ranging from 1.0 pf up to 0.22 f ? available capacitance tolerances of 0.1 pf, 0.25 pf, 0.5 pf, 1%, 2%, 5%, & 10% ? extremely low esr & esl ? high thermal stability ? high ripple current capability ? no capacitance change with respect to applied rated dc voltage ? negligible capacitance change with respect to temperature from -55c to +200c ? no capacitance decay with time ? non-polar device, minimizing installation concerns ? encapsulation meets fammability standard ul 94v-0 ? halogen-free applications typical applications include critical timing, tuning, circuits requiring low loss, circuits with pulse, high current, decoupling, bypass, fltering, transient voltage suppression, blocking and energy storage, circuits with a direct battery or power source connection, critical and safety relevant circuits without (integrated) current limitation and any application that is subject to extreme environments such as high shock and vibration, high temperature, high levels of board fexure and/or temperature cycling. programs supported include down-hole exploration, aerospace engine compartments, geophysical probes, hybrid and electric automotive motor drives and defense. markets include military, industrial, aerospace, and automotive. radial through-hole multilayer ceramic capacitors high temperature 200 c, radial, molded, c0g dielectric, 50 C 200 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1073_ht_c0g_radial_molded ? 9/25/2015 3 qualifcation these devices are subject to internal qualifcation. details regarding test methods and conditions are referenced in table 2, performance & reliability. environmental compliance rohs compliant and halogen-free. these devices utilize exemption 7(a) of the rohs directive. series rohs compliant rohs exemption code 1 halogen free c052h yes 7(a) yes c062h yes 7(a) yes 1 kk electrical parameters/characteristics item parameters/characteristics operating temperature range -55c to +200c capacitance change with reference to +25c and 0 vdc applied (tcc) 30 ppm/oc aging rate (maximum % cap loss/decade hour) 0% dielectric withstanding voltage 250% of rated voltage (5 1 seconds and charge/discharge not exceeding 50 ma at 25c ) dissipation factor (df) maximum limit at 25oc 0.1% insulation resistance (ir) limit at 25c 1,000 m microfarads or 100 g (rated voltage applied for 120 5 seconds) 7rrewdlq,5olplwglylgh0)ydoxhewkhfdsdflwdqfhdqgfrpsduhwrolplw6hohfwwkhorhuriwkhwrolplwv &dsdflwdqfhdqgglvvlsdwlrqidfwru)phdvxuhgxqghuwkhiroorlqjfrqglwlrqv 0+n+dqg9 rms rms 1kkkk3k kkek21 post environmental limits high temperature life, biased humidity, moisture resistance dielectric rated dc voltage capacitance value df (%) capacitance shift ir c0g all all 0.5 0.3% or 0.25 pf 10% of initial limit radial through-hole multilayer ceramic capacitors high temperature 200 c, radial, molded, c0g dielectric, 50 C 200 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1073_ht_c0g_radial_molded ? 9/25/2015 4 table 1a C c052 style/size (0.20" lead spacing), capacitance range waterfall (1) (2) to complete ordering code, insert the proper character for capacitance tolerance: (see table above for character defnitions) (1) available capacitance tolerances: b, c, d (2) available capacitance tolerances: f, g, j, k (3) to complete ordering code, enter the four-digit numeric or alphanumeric "packaging c-spec ordering code." see details below: blank = bulk bag t250 = 250 pcs / 12" reel t500 = 500pcs / 12" reel t1k0 = 1,000 pcs / 12" reel 7301 = full reel qty / 12" reel 7303 = full reel qty / 12" reel 7061 = bulk tray these products are protected under u.s. patents 7172985 & 7670981, other patents pending, and any foreign counterparts. c052 style/size (0.20" lead spacing) rated voltage (vdc) 50 100 200 voltage code 5 1 2 capacitance capacitance tolerance capacitance code (available capacitance) 1 pf b = 0.1pf c = 0.25pf d = 0.5pf c052h109(1)5g5ga(3) c052h109(1)1g5ga(3) c052h109(1)2g5ga(3) 1.2 pf c052h129(1)5g5ga(3) c052h129(1)1g5ga(3) c052h129(1)2g5ga(3) 1.5 pf c052h159(1)5g5ga(3) c052h159(1)1g5ga(3) c052h159(1)2g5ga(3) 1.8 pf c052h189(1)5g5ga(3) c052h189(1)1g5ga(3) c052h189(1)2g5ga(3) 2.2 pf c052h229(1)5g5ga(3) c052h229(1)1g5ga(3) c052h229(1)2g5ga(3) 2.7 pf c052h279(1)5g5ga(3) c052h279(1)1g5ga(3) c052h279(1)2g5ga(3) 3.3 pf c052h339(1)5g5ga(3) c052h339(1)1g5ga(3) c052h339(1)2g5ga(3) 3.9 pf c052h399(1)5g5ga(3) c052h399(1)1g5ga(3) c052h399(1)2g5ga(3) 4.7 pf c052h479(1)5g5ga(3) c052h479(1)1g5ga(3) c052h479(1)2g5ga(3) 5.6 pf c052h569(1)5g5ga(3) c052h569(1)1g5ga(3) c052h569(1)2g5ga(3) 6.8 pf c052h689(1)5g5ga(3) c052h689(1)1g5ga(3) c052h689(1)2g5ga(3) 8.2 pf c052h829(1)5g5ga(3) c052h829(1)1g5ga(3) c052h829(1)2g5ga(3) 10 pf f = 1% g = 2% j = 5% k = 10% c052h100(2)5g5ga(3) c052h100(2)1g5ga(3) c052h100(2)2g5ga(3) 12 pf c052h120(2)5g5ga(3) c052h120(2)1g5ga(3) c052h120(2)2g5ga(3) 15 pf c052h150(2)5g5ga(3) c052h150(2)1g5ga(3) c052h150(2)2g5ga(3) 18 pf c052h180(2)5g5ga(3) c052h180(2)1g5ga(3) c052h180(2)2g5ga(3) 22 pf c052h220(2)5g5ga(3) c052h220(2)1g5ga(3) c052h220(2)2g5ga(3) 27 pf c052h270(2)5g5ga(3) c052h270(2)1g5ga(3) c052h270(2)2g5ga(3) 33 pf c052h330(2)5g5ga(3) c052h330(2)1g5ga(3) c052h330(2)2g5ga(3) 39 pf c052h390(2)5g5ga(3) c052h390(2)1g5ga(3) c052h390(2)2g5ga(3) 47 pf c052h470(2)5g5ga(3) c052h470(2)1g5ga(3) c052h470(2)2g5ga(3) 56 pf c052h560(2)5g5ga(3) c052h560(2)1g5ga(3) c052h560(2)2g5ga(3) 68 pf c052h680(2)5g5ga(3) c052h680(2)1g5ga(3) c052h680(2)2g5ga(3) 82 pf c052h820(2)5g5ga(3) c052h820(2)1g5ga(3) c052h820(2)2g5ga(3) 100 pf c052h101(2)5g5ga(3) c052h101(2)1g5ga(3) c052h101(2)2g5ga(3) 120 pf c052h121(2)5g5ga(3) c052h121(2)1g5ga(3) c052h121(2)2g5ga(3) 150 pf c052h151(2)5g5ga(3) c052h151(2)1g5ga(3) c052h151(2)2g5ga(3) 180 pf c052h181(2)5g5ga(3) c052h181(2)1g5ga(3) c052h181(2)2g5ga(3) 220 pf c052h221(2)5g5ga(3) c052h221(2)1g5ga(3) c052h221(2)2g5ga(3) 270 pf c052h271(2)5g5ga(3) c052h271(2)1g5ga(3) c052h271(2)2g5ga(3) 330 pf c052h331(2)5g5ga(3) c052h331(2)1g5ga(3) c052h331(2)2g5ga(3) 390 pf c052h391(2)5g5ga(3) c052h391(2)1g5ga(3) c052h391(2)2g5ga(3) 470 pf c052h471(2)5g5ga(3) c052h471(2)1g5ga(3) c052h471(2)2g5ga(3) 560 pf c052h561(2)5g5ga(3) c052h561(2)1g5ga(3) c052h561(2)2g5ga(3) 680 pf c052h681(2)5g5ga(3) c052h681(2)1g5ga(3) c052h681(2)2g5ga(3) 820 pf c052h821(2)5g5ga(3) c052h821(2)1g5ga(3) c052h821(2)2g5ga(3) 1,000 pf c052h102(2)5g5ga(3) c052h102(2)1g5ga(3) c052h102(2)2g5ga(3) 1,200 pf c052h122(2)5g5ga(3) c052h122(2)1g5ga(3) c052h122(2)2g5ga(3) 1,500 pf c052h152(2)5g5ga(3) c052h152(2)1g5ga(3) c052h152(2)2g5ga(3) 1,800 pf c052h182(2)5g5ga(3) c052h182(2)1g5ga(3) c052h182(2)2g5ga(3) 2,200 pf c052h222(2)5g5ga(3) c052h222(2)1g5ga(3) c052h222(2)2g5ga(3) rated voltage (vdc) 50 100 200 voltage code 5 1 2 radial through-hole multilayer ceramic capacitors high temperature 200 c, radial, molded, c0g dielectric, 50 C 200 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1073_ht_c0g_radial_molded ? 9/25/2015 5 table 1a C c052 style/size (0.20" lead spacing), capacitance range waterfall cont'd (1) (2) to complete ordering code, insert the proper character for capacitance tolerance: (see table above for character defnitions) (1) available capacitance tolerances: b, c, d (2) available capacitance tolerances: f, g, j, k (3) to complete ordering code, enter the four-digit numeric or alphanumeric "packaging c-spec ordering code." see details below: blank = bulk bag t250 = 250 pcs / 12" reel t500 = 500pcs / 12" reel t1k0 = 1,000 pcs / 12" reel 7301 = full reel qty / 12" reel 7303 = full reel qty / 12" reel 7061 = bulk tray these products are protected under u.s. patents 7172985 & 7670981, other patents pending, and any foreign counterparts. c052 style/size (0.20" lead spacing) rated voltage (vdc) 50 100 200 voltage code 5 1 2 capacitance capacitance tolerance capacitance code (available capacitance) 2,700 pf f = 1% g = 2% j = 5% k = 10% c052h272(2)5g5ga(3) c052h272(2)1g5ga(3) c052h272(2)2g5ga(3) 3,300 pf c052h332(2)5g5ga(3) c052h332(2)1g5ga(3) c052h332(2)2g5ga(3) 3,900 pf c052h392(2)5g5ga(3) c052h392(2)1g5ga(3) 4,700 pf c052h472(2)5g5ga(3) c052h472(2)1g5ga(3) 5,600 pf c052h562(2)5g5ga(3) c052h562(2)1g5ga(3) 6,800 pf c052h682(2)5g5ga(3) c052h682(2)1g5ga(3) 8,200 pf c052h822(2)5g5ga(3) c052h822(2)1g5ga(3) 0.01 f c052h103(2)5g5ga(3) c052h103(2)1g5ga(3) 0.012 f c052h123(2)5g5ga(3) c052h123(2)1g5ga(3) 0.015 f c052h153(2)5g5ga(3) c052h153(2)1g5ga(3) 0.018 f c052h183(2)5g5ga(3) c052h183(2)1g5ga(3) 0.022 f c052h223(2)5g5ga(3) c052h223(2)1g5ga(3) 0.027 f c052h273(2)5g5ga(3) c052h273(2)1g5ga(3) 0.033 f c052h333(2)5g5ga(3) c052h333(2)1g5ga(3) 0.039 f c052h393(2)5g5ga(3) c052h393(2)1g5ga(3) 0.047 f c052h473(2)5g5ga(3) c052h473(2)1g5ga(3) 0.056 f c052h563(2)5g5ga(3) 0.068 f c052h683(2)5g5ga(3) 0.082 f c052h823(2)5g5ga(3) 0.1 f c052h104(2)5g5ga(3) rated voltage (vdc) 50 100 200 voltage code 5 1 2 radial through-hole multilayer ceramic capacitors high temperature 200 c, radial, molded, c0g dielectric, 50 C 200 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1073_ht_c0g_radial_molded ? 9/25/2015 6 table 1b C c062 style/size (0.20" lead spacing), capacitance range waterfall c062 style/size (0.20" lead spacing) rated voltage (vdc) 50 100 200 voltage code 5 1 2 capacitance capacitance tolerance capacitance code (available capacitance) 4,700 pf f = 1% g = 2% j = 5% k = 10% c062h472(1)2g5ga(2) 5,600 pf c062h562(1)2g5ga(2) 6,800 pf c062h682(1)2g5ga(2) 0.056 f c062h563(1)1g5ga(2) 0.068 f c062h683(1)1g5ga(2) 0.082 f c062h823(1)1g5ga(2) 0.1 f c062h104(1)1g5ga(2) 0.12 f c062h124(1)5g5ga(2) c062h124(1)1g5ga(2) 0.15 f c062h154(1)5g5ga(2) 0.18 f c062h184(1)5g5ga(2) 0.22 f c062h224(1)5g5ga(2) rated voltage (vdc) 50 100 200 voltage code 5 1 2 (1) to complete ordering code, insert the proper character for capacitance tolerance: (see table above for character defnitions) (1) available capacitance tolerances: f, g, j, k (2) to complete ordering code, enter the four-digit numeric or alphanumeric "packaging c-spec ordering code." see details below: blank = bulk bag t250 = 250 pcs / 12" reel t500 = 500pcs / 12" reel t1k0 = 1,000 pcs / 12" reel 7301 = full reel qty / 12" reel 7303 = full reel qty / 12" reel 7061 = bulk tray these products are protected under u.s. patents 7172985 & 7670981, other patents pending, and any foreign counterparts. packaging quantities packaging options bulk bag (default) 1 bulk tray tape and reel packaging quantities 3 ordering code c-spec 2 n/a 7061 t250 t500 t1k0 7301 7303 style/ series c052h 100 pcs / bag 50 pcs / tray 250 500 1,000 2,000 n/a c062h 100 pcs / bag 40 pcs / tray 250 500 1,000 n/a 1,500 1 default packaging for this product series is "bulk bag". kemet will assume " bulk bag" packaging is required unless a valid c-spec is included in the 15th thru 18th character positions of the ordering code. for more information see "ordering information" section of this document. the " ordering code c-spec" is a four-digit code that follows the kemet part number and identifes any special packaging or processing requirements. failure to include a c-spec when ordering will result in the default packaging option. default packaging for this product series is "bulk bag". packaging quantities reported above are considered "minimum order quantities" and are mandatory. radial through-hole multilayer ceramic capacitors high temperature 200 c, radial, molded, c0g dielectric, 50 C 200 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1073_ht_c0g_radial_molded ? 9/25/2015 7 soldering process recommended soldering technique: ? solder wave ? hand soldering (manual) recommended soldering profle: ? optimum wave solder profle ? hand soldering (manual) manual solder profile with pre - heating gradual preheat 60 - 120 seconds recommend 2.5 c/sec soldering max 3 seconds delta t <= 120 c gradual cooling kemet recommends following the guidelines and techniques outlined in technical bulletins f2103 and f9207. radial through-hole multilayer ceramic capacitors high temperature 200 c, radial, molded, c0g dielectric, 50 C 200 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1073_ht_c0g_radial_molded ? 9/25/2015 8 table 2 C performance & reliability: test methods and conditions stress reference test or inspection method solderability jCstdC002 method a at 235c, category 3 temperature cycling jesd22 method jaC104 50 cycles (-55c to 220c), measurement at 24 4 hours after test conclusion. 30 minutes maximum dwell time at each temperature extreme. 8 minutes maximum transition time. biased humidity milCstdC202 method 103 load humidity: 1,000 hours 85c/85% rh and rated voltage. add 100 k ohm resistor. measurement at 24 hours 4 hours after test conclusion. low volt humidity: 1,000 hours 85c/85% rh and 1.5 v. add 100 k ohm resistor. measurement at 24 hours 4 hours after test conclusion. immersion milCstdC202 method 104 test condition b storage life milCstdC202 method 108 unpowered 1,000 hours at 200c. measurement at 24 hours 4 hours after test conclusion. ir measurement at 150c high temperature life milCstdC202 method 108 1,000 hours at 200c with rated voltage applied. high temperature lead pull kemet defned test peel to failure (25oc and 200oc): 4 lbs (1.84 kg) minimum vibration milCstdC202 method 204 5g for 20 minutes, 12 cycles each of 3 orientations. note: use 8" x 5" pcb. 031" thick 7 secure points on one long side and 2 secure points at corners of opposite sides. parts mounted within 2" from any secure point. test from 10 C 2000 hz. resistance to soldering heat milCstdC202 method 210 test condition b, solder dip. note: no preheat of samples. terminal strength milCstdC202 method 211 test condition a. 454g 5 C 10 s; bend test ? 227g, 3 bends mechanical shock milCstdC202 method 213 test condition d. figure 1 of method 213. resistance to solvents milCstdC202 method 215 add aqueous wash chemical C okem clean or equivalent. storage & handling the un-mounted storage life of a through-hole (leaded) ceramic capacitor is dependent upon storage and atmospheric conditions as well as packaging materials. while the ceramic chips enveloped under the epoxy coating themselves are quite robust in most environments, solderability of the wire lead on the fnal epoxy-coated product will be degraded by exposure to high temperatures, high humidity, corrosive atmospheres, and long term storage. in addition, packaging materials will be degraded by high temperature and exposure to direct sunlight C reels may soften or warp, and tape peel force may increase. kemet recommends storing the un-mounted capacitors in their original packaging, in a location away from direct sunlight, and where the temperature and relative humidity do not exceed 40 degrees centigrade and 70% respectively. for optimum solderability, capacitor stock should be used promptly, preferably within 18 months of receipt. for applications requiring pre-tinning of components, storage life may be extended if solderability is verifed. before cleaning, bonding or molding these devices, it is important to verify that your process does not af fect product quality and performance. kemet recommends testing and evaluating the performance of a cleaned, bonded or molded product prior to implementing and/or qualifying any of these processes. radial through-hole multilayer ceramic capacitors high temperature 200 c, radial, molded, c0g dielectric, 50 C 200 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1073_ht_c0g_radial_molded ? 9/25/2015 9 application notes working voltage: application voltage (vp-p or vo-p) must not exceed the voltage rating of the capacitor. irregular voltages can be generated for a transient period of time when voltage is initially applied and/or removed from a circuit. it is important to choose a capacitor with a voltage rating greater than or equal to these irregular voltages. operating temperature and self-generating heat: the surface temperature of a capacitor should be kept below the upper limit of its rated operating temperature range. be sure to take into account the heat generated by the capacitor itself. when the capacitor is used in a high-frequency current, pulse current or similar current, it may self-generate heat due to dielectric loss. temperature rise due to self-generated heating should not exceed 20c (while operated at an atmosphere temperature of 25c). failure to follow the above cautions may result, worst case, in a short circuit and cause fuming or partial dispersion when the product is used. radial through-hole multilayer ceramic capacitors high temperature 200 c, radial, molded, c0g dielectric, 50 C 200 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1073_ht_c0g_radial_molded ? 9/25/2015 10 construction dielectric material (cazro 3 ) detailed cross section barrier layer (ni) base metal (cu) finish layer (sn10/pb88/ag2) epoxy encapsulation lead attach solder (sn10/pb88/ag2) finish layer (sn10/pb88/ag2) barrier layer (ni) base metal (cu) lead attach solder (sn10/pb88/ag2) inner electrodes (ni) epoxy encapsulation epoxy encapsulation inner electrodes (ni) core metal barrier layer 1 barrier layer 2 finish layer steel cu ni au lead wire marking back front style/size dielectric rated capacitance specification/series capacitance tolerance code rated voltage (vdc) kemet id date code date code 14 20 manufacturing year: 14 = 2014 manufacturing week: 20 = week 20 (of mfg. calendar year) radial through-hole multilayer ceramic capacitors high temperature 200 c, radial, molded, c0g dielectric, 50 C 200 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1073_ht_c0g_radial_molded ? 9/25/2015 11 lead tape & reel packaging information kemet offers standard reeling of molded radial leaded capacitors in accordance with eia standard 468. parts are taped to a tag board carrier strip, and wound on a reel as shown in figure 1. kraft paper interleaving is inserted between the layers of capacitors on the reel. t radial through-hole multilayer ceramic capacitors high temperature 200 c, radial, molded, c0g dielectric, 50 C 200 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1073_ht_c0g_radial_molded ? 9/25/2015 12 table 3 C ceramic radial tape and reel dimensions metric will govern constant dimensions millimeters (inches) d 0 0.2 (0.008) p 0 0.3 (0.012) p 0.3 (0.012) p 2 0.7 (0.028) h maximum l 1 maximum t maximum t maximum w + 1.0/- 0.5 (+0.039/-0.020) w 0 minimum w 2 maximum 4.00 (0.157) 12.7 (0.500) 12.7 (0.500) 6.35 (0.250) 1.0 (0.039) 1.0 (0.039) 0.9 (0.035) 2.0 (0.079) 18.0 (0.709) 5.0 (0.197) 3.0 (0.118) variable dimensions millimeters (inches) f 0.6 (0.024) -0.2 (0.00) note 1 p 1 0.7 (0.02) note 1 h minimum note 2 h 0 0.5 (0.630) note 3 2.54 (0.100) 5.0 (0.200) 1.0 (0.70) 16.0 (0.024) 4.32 (0.170) 3. (0.153) 5.0 (0.200) 3.1 (0.150) 5.5 (0.220) 3.25 (0.12) 6. (0.275) 2.54 (0.100) 7.62 (0.300) 2.24 (0.0) .52 (0.375) 7.62 (0.300) 10.16 (0.400) 7.34 (0.20) 12.06 (0.475) 6.35 (0.250) 14.60 (0.575) 5.0 (0.200) 17.14 (0.675) 3.1 (0.15) 1. measured at the egress from the carrier tape, on the component side. 2. straight lead conf guration part types only. 3. formed (bent) lead conf guration part types only. symbol reference table d 0 sprocket hole diameter p 0 sprocket hole pitch p component pitch f lead spacing p 1 sprocket hole center to adjacent component lead p 2 sprocket hole center to component center h height to seating plane (straight leads only) h 0 height to seating plane (formed leads only) h 1 component height above tape center h component alignment l 1 lead protrusion t composite tape thickness w carrier tape width w 0 hold-down tape width w 2 hold-down tape location radial through-hole multilayer ceramic capacitors high temperature 200 c, radial, molded, c0g dielectric, 50 C 200 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1073_ht_c0g_radial_molded ? 9/25/2015 13 kemet corporation world headquarters 2835 kemet way simpsonville, sc 29681 mailing address: p.o. box 5928 greenville, sc 29606 www.kemet.com tel: 864-963-6300 fax: 864-963-6521 corporate off ces fort lauderdale, fl tel: 954-766-2800 north america northeast wilmington, ma tel: 978-658-1663 southeast lake mary, fl tel: 407-855-8886 central novi, mi tel: 248-994-1030 irving, tx tel: 972-915-6041 west milpitas, ca tel: 408-433-9950 mexico guadalajara, jalisco tel: 52-33-3123-2141 europe southern europe sasso marconi, italy tel: 39-051-939111 skopje, macedonia tel: 389-2-55-14-623 central europe landsberg, germany tel: 49-8191-3350800 kamen, germany tel: 49-2307-438110 northern europe wyboston, united kingdom tel: 44-1480-273082 espoo, finland tel: 358-9-5406-5000 asia northeast asia hong kong tel: 852-2305-1168 shenzhen, china tel: 86-755-2518-1306 beijing, china tel: 86-10-5877-1075 shanghai, china tel: 86-21-6447-0707 seoul, south korea tel: 82-2-6294-0550 taipei, taiwan tel: 886-2-27528585 southeast asia singapore tel: 65-6701-8033 penang, malaysia tel: 60-4-6430200 bangalore, india tel: 91-806-53-76817 note: kemet reserves the right to modify minor details of internal and external construction at any time in the interest of product improvement. kemet does not assume any responsibility for infringement that might result from the use of kemet capacitors in potential circuit designs. kemet is a registered trademark of kemet electronics corporation. radial through-hole multilayer ceramic capacitors high temperature 200 c, radial, molded, c0g dielectric, 50 C 200 vdc (industrial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1073_ht_c0g_radial_molded ? 9/25/2015 14 disclaimer all product specif cations, statements, information and data (collectively, the information) in this datasheet are subject to change. the customer is responsible for checking and verifying the extent to which the information contained in this publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on kemet electronics corporations (kemet) knowledge of typical operating conditions for such applications, but are not intended to constitute C and kemet specif cally disclaims C any warranty concerning suitability for a specif c customer application or use. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by kemet with reference to the use of kemets products is given gratis, and kemet assumes no obligation or liability for the advice given or results obtained. although kemet designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all productCrelated warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not be required. radial through-hole multilayer ceramic capacitors high temperature 200 c, radial, molded, c0g dielectric, 50 C 200 vdc (industrial grade)


▲Up To Search▲   

 
Price & Availability of C062H272D5G5GAT250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X